Part Number Hot Search : 
AKD43 1N4728 CD22357A 000WD FD668 AM6080 1N6066 T824R25
Product Description
Full Text Search
 

To Download MMBT4403M3T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 january, 2009 ? rev. 0 1 publication order number: mmbt4403m3/d MMBT4403M3T5G pnp switching transistor the MMBT4403M3T5G device is a spin ? off of our popular sot ? 23 three ? leaded device. it is designed for general purpose switching applications and is housed in the sot ? 723 surface mount package. this device is ideal for low ? power surface mount applications where board space is at a premium. features ? reduces board space ? this is a halide ? free device ? this is a pb ? free device maximum ratings rating symbol value unit collector ? emitter voltage v ceo ? 40 vdc collector ? base voltage v cbo ? 40 vdc emitter ? base voltage v ebo ? 5.0 vdc collector current ? continuous i c ? 600 madc thermal characteristics characteristic symbol max unit total device dissipation fr ? 5 board (note 1) t a = 25 c derate above 25 c p d 265 2.1 mw mw/ c thermal resistance, junction ? to ? ambient r  ja 470 c/w total device dissipation alumina substrate, (note 2) t a = 25 c derate above 25 c p d 640 5.1 mw mw/ c thermal resistance, junction ? to ? ambient r  ja 195 c/w junction and storage temperature t j , t stg ? 55 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. fr ? 5 = 1.0 0.75 0.062 in. 2. alumina = 0.4 0.3 0.024 in. 99.5% alumina. http://onsemi.com device package shipping ? ordering information MMBT4403M3T5G sot ? 723 (pb ? free) 8000/tape & reel collector 3 1 base 2 emitter ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. sot ? 723 case 631aa style 1 1 2 3 ag m ag = specific device code m = date code marking diagram
MMBT4403M3T5G http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collector ? emitter breakdown voltage (note 3) (i c = ? 1.0 madc, i b = 0) v (br)ceo ? 40 ? vdc collector ? base breakdown voltage (i c = ? 0.1 madc, i e = 0) v (br)cbo ? 40 ? vdc emitter ? base breakdown voltage (i e = ? 0.1 madc, i c = 0) v (br)ebo ? 5.0 ? vdc base cutoff current (v ce = ? 35 vdc, v eb = ? 0.4 vdc) i bev ? ? 0.1  adc collector cutoff current (v ce = ? 35 vdc, v eb = ? 0.4 vdc) i cex ? ? 0.1  adc on characteristics dc current gain (i c = ? 0.1 madc, v ce = ? 1.0 vdc) (i c = ? 1.0 madc, v ce = ? 1.0 vdc) (i c = ? 10 madc, v ce = ? 1.0 vdc) (note 3) (i c = ? 150 madc, v ce = ? 2.0 vdc) (note 3) (i c = ? 500 madc, v ce = ? 2.0 vdc) h fe 30 60 100 100 20 ? ? ? 300 ? ? collector ? emitter saturation voltage (note 3) (i c = ? 150 madc, i b = ? 15 madc) (i c = ? 500 madc, i b = ? 50 madc) v ce(sat) ? ? ? 0.4 ? 0.75 vdc base ? emitter saturation voltage (note 3) (i c = ? 150 madc, i b = ? 15 madc) (i c = ? 500 madc, i b = ? 50 madc) v be(sat) ? 0.75 ? ? 0.95 ? 1.3 vdc small ? signal characteristics current ? gain ? bandwidth product (i c = ? 20 madc, v ce = ? 10 vdc, f = 100 mhz) f t 200 ? mhz collector ? base capacitance (v cb = ? 10 vdc, i e = 0, f = 1.0 mhz) c cb ? 8.5 pf emitter ? base capacitance (v be = ? 0.5 vdc, i c = 0, f = 1.0 mhz) c eb ? 30 pf input impedance (i c = ? 1.0 madc, v ce = ? 10 vdc, f = 1.0 khz) h ie 1.5 15 k  voltage feedback ratio (i c = ? 1.0 madc, v ce = ? 10 vdc, f = 1.0 khz) h re 0.1 8.0 x 10 ? 4 small ? signal current gain (i c = ? 1.0 madc, v ce = ? 10 vdc, f = 1.0 khz) h fe 60 500 ? output admittance (i c = ? 1.0 madc, v ce = ? 10 vdc, f = 1.0 khz) h oe 1.0 100  mhos switching characteristics delay time (v cc = ? 30 vdc, v eb = ? 2.0 vdc, i c = ? 150 madc, i b1 = ? 15 madc) t d ? 15 ns rise time t r ? 20 storage time (v cc = ? 30 vdc, i c = ? 150 madc, i b1 = i b2 = ? 15 madc) t s ? 225 ns fall time t f ? 30 3. pulse test: pulse width  300  s, duty cycle  2.0%. fi g ure 1. turn ? on time fi g ure 2. turn ? off time switching time equivalent test circuit scope rise time < 4.0 ns *total shunt capacitance of test jig connectors, and oscilloscope +2 v -16 v 10 to 100  s, duty cycle = 2% 0 1.0 k  -30 v 200  c s * < 10 pf 1.0 k  -30 v 200  c s * < 10 p +4.0 v < 2 ns 1.0 to 100  s, duty cycle = 2% < 20 ns +14 v 0 -16 v
MMBT4403M3T5G http://onsemi.com 3 static characteristics i c , collector current (a) 250 300 350 450 100 h , dc current gain 0.01 1 50 0.1 fe 0.001 0.0001 150 200 400 -55 c t j = 150 c 25 c figure 3. dc current gain i b , base current (ma) figure 4. collector saturation region 0.2 0.4 0.6 0.8 1.2 0.001 0 10 100 1.0 figure 5. collector ? emitter saturation voltage vs. collector current figure 6. temperature coefficients i c , collector current (ma) 0.5 0 0.5 1.0 1.5 2.0  vc for v ce(sat)  vs for v be coefficient (mv/ c) 2.5 1.0 2.0 5.0 10 20 50 100 500 200 0.1 0.2 0.5 0.01 0.1 1 i c = 1.0 ma 10 ma 100 ma 500 ma v ce = 5.0 v v ce = 2.0 v v ce = 1.0 v i c , collector current (a) 0.15 0.20 0.30 0.35 0.05 vce(sat), collector-emitter saturation voltage (v) 0.01 0.1 0 1 150 c 0.0001 -55 c 0.001 25 c 0.10 0.25 i c /i b = 10 v , collector-emitter voltage (v) ce
MMBT4403M3T5G http://onsemi.com 4 figure 7. base ? emitter saturation voltage vs. collector current figure 8. base ? emitter turn on voltage vs. collector current i c , collector current (a) i c , collector current (a) 1 0.1 0.01 0.001 0.0001 0.3 0.4 0.5 0.6 0.7 0.9 1.0 1.1 1 0.1 0.01 0.001 0.0001 0.2 0.4 0.5 0.6 0.7 0.9 1.0 v be(sat) , base ? emitter saturation voltage (v) v be(on) , base ? emitter turn on voltage (v) 0.8 150 c 25 c ? 55 c 0.8 150 c 25 c ? 55 c i c /i b = 10 v ce = 2.0 v figure 9. input capacitance vs. emitter base voltage figure 10. output capacitance vs. collector base voltage v eb , emitter base voltage (v) v cb , collector base voltage (v) 6 3 2 1 0 10 15 20 25 35 40 40 20 15 5 0 3 7 9 13 15 c ibo , input capacitance (pf) c obo , output capacitance (pf) 30 4 5 10 25 30 35 0.3 11 5
MMBT4403M3T5G http://onsemi.com 5 package dimensions style 1: pin 1. base 2. emitter 3. collector sot ? 723 case 631aa ? 01 issue c dim min nom max millimeters a 0.45 0.50 0.55 b 0.15 0.21 0.27 b1 0.25 0.31 0.37 c 0.07 0.12 0.17 d 1.15 1.20 1.25 e 0.75 0.80 0.85 e 0.40 bsc h 1.15 1.20 1.25 l 0.15 0.20 0.25 0.018 0.020 0.022 0.0059 0.0083 0.0106 0.010 0.012 0.015 0.0028 0.0047 0.0067 0.045 0.047 0.049 0.03 0.032 0.034 0.016 bsc 0.045 0.047 0.049 0.0059 0.0079 0.0098 min nom max inches e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, protrusions or gate burrs. d b1 e b e a l c h ? y ? ? x ? x 0.08 (0.0032) y 2x e 1 2 3 1.0 0.039  mm inches  scale 20:1 0.40 0.0157 0.40 0.0157 0.40 0.0157 0.40 0.0157 0.40 0.0157 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. mmbt4403m3/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MMBT4403M3T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X